Part Number Hot Search : 
OP14CP AD8630 F75133 C847A 101M350H HE13002 18F66J10 TA0103A
Product Description
Full Text Search
 

To Download 1SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS110
Silicon Epitaxial Planar Diode for Tuner Band Switch
ADE-208-179B (Z) Rev. 2 Features
* Low forward resistance. (r f = 0.9max) * Suitable for 5mm pitch high speed automatical insertion. * Small glass package (MHD) enables easy mounting and high reliability.
Ordering Information
Type No. 1SS110 Cathode band Verdure Package Code MHD
Outline
1 Cathode band
2
1. Cathode 2. Anode
1SS110
Absolute Maximum Ratings (Ta = 25C)
Item Reverse voltage Forward current Junction temperature Storage temperature Symbol VR IF Tj Tstg Value 35 100 175 -65 to +175 Unit V mA C C
Electrical Characteristics (Ta = 25C)
Item Forward voltage Reverse voltage Reverse current Capacitance Forward resistance Symbol VF VR IR C rf Min -- 35 -- -- -- Typ -- -- -- -- -- Max 1.0 -- 0.1 1.2 0.9 Unit V V A pF Test Condition I F = 10mA I R = 10A VR = 25V VR = 6V, f = 1MHz I F = 2mA, f = 100MHz
1SS110
10
-2
10 Forward current I F (A)
-4
10-6
10
-8
10
-10
10
-12
0
0.2
0.4
0.6
0.8
1.0
Forward voltage VF (V)
Fig.1 Forward current Vs. Forward voltage
10 f = 1MHz
Capacitance C (pF)
1.0
10
-1
1.0
10 Reverse voltage VR (V)
40
Fig.2 Capacitance Vs. Reverse voltage
1SS110
10
2
f = 100MHz
Forward resistance r f ( )
10
1.0
10
-1
10
-2
10
-4
10-3
10-2
10
-1
Forward current I F (A)
Fig.3 Forward resistance Vs. Forward current
1SS110
Package Dimensions
Unit: mm
26.0 Min
2.4 Max
26.0 Min 2.0 Max
0.4
1
2 Cathode band (Verdure)
1 Cathode 2 Anode
HITACHI Code JEDEC Code EIAJ Code Weight (g)
MHD DO-34 -- 0.084


▲Up To Search▲   

 
Price & Availability of 1SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X